Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3435 Datasheet(PDF) 58 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 58 Page - ams AG

Back Button AS3435 Datasheet HTML 54Page - ams AG AS3435 Datasheet HTML 55Page - ams AG AS3435 Datasheet HTML 56Page - ams AG AS3435 Datasheet HTML 57Page - ams AG AS3435 Datasheet HTML 58Page - ams AG AS3435 Datasheet HTML 59Page - ams AG AS3435 Datasheet HTML 60Page - ams AG AS3435 Datasheet HTML 61Page - ams AG AS3435 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
AS3415/AS3435 – 58
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
2-Wire Serial Interface
In order to configure the device using the evaluation software
or a MCU the AS3515/35 features a serial two wire interface.
Some applications like hybrid systems do require two ANC
chipsets in parallel; therefore the AS3515/35 supports two
different slave addresses to enable communication on a single
bus with two devices. The AS3515/35 features two I²C slave
addresses without having a dedicated address selection pin.
The selection of the I²C address is done with the
interconnection of AS3515/35 to the bus lines shown in
Figure 73 below. The serial interface logic inside AS3515/35 is
able to distinguish between a direct I²C connection to the
master or a second option where data and clock line are crossed.
Therefore it is only possible to address a maximum of two
AS3515/35 slaves on one I²C bus.
Figure 73:
I²C Address Selection
I²C Address Selection: This block diagram shows how to connect two AS3514/35 to an I²C master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com