Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3693B Datasheet(PDF) 11 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 11 Page - ams AG

Back Button AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG AS3693B Datasheet HTML 10Page - ams AG AS3693B Datasheet HTML 11Page - ams AG AS3693B Datasheet HTML 12Page - ams AG AS3693B Datasheet HTML 13Page - ams AG AS3693B Datasheet HTML 14Page - ams AG AS3693B Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
10 - 32
7
Block Description
7.1 Feedback Circuit
The AS3693B supports a flexible feedback selection for external DCDC – supplies. Beside the default setup for
RGGB lighting, each channel can be assigned to an external DCDC feedback loop. This feedback circuit is
important to reduce power dissipation of the device.
Table 6 – Feedback Control
Addr: 04h
Feedback control
Enables and Disables the Different Feedback modes
Bit
Bit Name
Default
Access
Description
0
Feedback on
1
R/W
1 = Feedback Circuit is active
0 = The entire Feedback Loop is disabled
1
Feedback on PWM
0
R/W
0 = The Feedback Regulator is always active
1 = The Feedback Regulator is only active, if PWM = 1
2
Open_Led_Det_on
0
R/W
Enables open Led Detection Comparators
0 = Open Led Detection Disabled
1 = Open Led Detection Enabled, Level: Ucurrx = 50mV
3
Short_det_on
0
R/W
Enables Short detection
0 = Short detection off
1 = Sort detection on.
5:4
Short Led Detect
Voltage(VSL)
R/W
Short led Detection Trip Voltage ( debounced 3mS )
00 = 2V
01 = 3V
7:6
DCDC_Regulation_tri
p Point (VC)
00
R/W
Trip Point voltage of the DCDC-Feedback Regulation
Circuit. (NOTE: This value has to be adjusted if Analog
Ref select Bit is changed.)
00 = 0.5V (Note use for Currents up to 70 mA)
01 = 0.6V (Note use for Currents up to 80 mA)
10 = 0.8V (Note use for Currents up to 110 mA)
11 = 1.0V (Note use for Currents up to 150 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com