| Electronic Components Datasheet Search |
|
AS3693B Datasheet(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3693B Datasheet(HTML) 22 Page - ams AG |
|
22 / 33 page ![]() AS3693B austriami crosyst ems www.austriamicrosystems.com Revision 1.21 / 2011-09-30 21 - 32 In order to change the data direction a repeated START condition is issued on the 1 st SCL pulse after the acknowledge bit of the word address transfer. After the reception of the device-read address, the slave becomes the transmitter. In this state the slave transmits register data located by the previous received word address vector. The master responds to the data byte with a not-acknowledge, and issues a STOP condition on the bus. Figure 4 – I 2C Sequential-Read: A S DW A WA A data 1 N P Sr DR WA++ … data 2 data n A A read register WA++ Sequential-Read is the extended form of Random-Read, as more than one register-data bytes are transferred subsequently. In difference to the Random-Read, for a sequential read the transferred register-data bytes are responded by an acknowledge from the master. The number of data bytes transferred in one sequence is unlimited (consider the behavior of the word-address counter). To terminate the transmission the master has to send a not-acknowledge following the last data byte and generate the STOP condition subsequently. Figure 5 – I 2C Current-Address-Read: A data 1 read register WA++ S DR data 2 A read register WA++ N P WA++ … data n A read register WA++ To keep the access time as small as possible, this format allows a read access without the word address transfer in advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device- Read address. Analogous to Random-Read, a single byte transfer is terminated with a not-acknowledge after the 1 st register byte. Analogous to Sequential-Read an unlimited number of data bytes can be transferred, where the data bytes has to be responded with an acknowledge from the master. For termination of the transmission the master sends a not-acknowledge following the last data byte and a subsequent STOP condition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |