Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3834 Datasheet(PDF) 13 Page - ams AG

Part # AS3834
Description  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3834 Datasheet(HTML) 13 Page - ams AG

Back Button AS3834 Datasheet HTML 9Page - ams AG AS3834 Datasheet HTML 10Page - ams AG AS3834 Datasheet HTML 11Page - ams AG AS3834 Datasheet HTML 12Page - ams AG AS3834 Datasheet HTML 13Page - ams AG AS3834 Datasheet HTML 14Page - ams AG AS3834 Datasheet HTML 15Page - ams AG AS3834 Datasheet HTML 16Page - ams AG AS3834 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Revision 1.6
12 - 20
AS3834
Datasheet - D e t a i l e d D e s c r i p t i o n
Following equations can be derived for adjusting the threshold voltages:
8.3.2
Overtemperature Shutdown
If the device temperature reaches TOFF the boost controller and all current outputs are turned off. After the temperature has decreased by Thyst
all blocks are turned on again.
8.3.3
Short LED protection
Figure 12. Short Led protection
A built in short protection comparator is monitoring the junction temperature TJ of the external bipolar transistors by measuring the base-emitter
voltage VBE.
When the measured VBE gets lower than the voltage applied at pin Vth an overtemperature an hence an short LED condition is detected.
Subsequently the fault output is activated (xFAULT = 0) and the corresponding output is deactivated.
V
DDH_UVH
V
UVLO
1
R
UV LO
1
R
UV LO
2
-------------------
+
×
=
(EQ 4)
Undervoltage lockout HIGH level:
V
DDH_UVL
V
UVLO
1
R
UVLO
1
R
UVLO
2
-------------------
+
×
I
UVLO
R
UVLO
1
×
=
(EQ 5)
Undervoltage lockout LOW level:
V
BE
1,2V
0.002
T
J
×
Tj....junction temperature in K
=
(EQ 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com