Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3834 Datasheet(PDF) 17 Page - ams AG

Part # AS3834
Description  4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3834 Datasheet(HTML) 17 Page - ams AG

Back Button AS3834 Datasheet HTML 13Page - ams AG AS3834 Datasheet HTML 14Page - ams AG AS3834 Datasheet HTML 15Page - ams AG AS3834 Datasheet HTML 16Page - ams AG AS3834 Datasheet HTML 17Page - ams AG AS3834 Datasheet HTML 18Page - ams AG AS3834 Datasheet HTML 19Page - ams AG AS3834 Datasheet HTML 20Page - ams AG AS3834 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Revision 1.6
16 - 20
AS3834
Datasheet - D e t a i l e d D e s c r i p t i o n
Peak current:
RMS inductor current:
This peak current is flowing through MN1 during phase 1 and through D1 during phase 2 of each cycle. Therefore this peak current is important
for a proper diode , MOSFET and inductor selection.
Note:
The saturation current of the inductor should be about 20 to 30% larger than the peak current
8.4.5
Input Capacitor
The input capacitor has to supply the delta inductor current and it should be selected according to:
8.4.6
Output Capacitor
The output capacitor must be chosen according to the max allowable output ripple at high load.
8.4.7
Current Sense Resistor
Note:
Low inductance, specific designed current sensing resistors should be used, e.g. Stackpole Electronics CSR/CSRN series of sensing
resistors with less than 0.2nH (typ.).
8.4.8
Compensation Network
A typical choice for values of the compensation network is C10 = 100pF, C11 = 10nF, R11 = 100K
Ω. Use these values as initial choice and
evaluate the transient response of the system to verify the behavior at output load change.
(EQ 14)
I
pk
I
L
I
L
∆
2
--------
I
OUT
1
D
–
-------------
D
V
IN
×
2
f
S
×
L
×
-----------------------
+
=
+
=
(EQ 15)
I
RMS
I
L
2
1
12
------
I
L
∆
×
2
+
=
(EQ 16)
C
IN
I
L
∆
4
V
IN
∆
×
f
SW
×
------------------------------------
>
(EQ 17)
ESR
V
IN
∆
2
I
L
∆
×
-----------------
<
(EQ 18)
C
OUT
I
OUT
max
–
D
×
V
OUT
∆
f
SW
×
------------------------------------
>
(EQ 19)
ESR
V
OUT
∆
I
OUT
1
D
–
-------------
V
IN
D
×
2
L
×
f
SW
×
---------------------------
+
-----------------------------------------------------
<
(EQ 20)
R
S
max
–
V
SEN SE
I
L
0 5
,
I
L
∆
×
+
-----------------------------------
=
(EQ 21)
P
RS
I
2
L
rms
–
R
S
D
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com