Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5403A-HTST Datasheet(PDF) 12 Page - ams AG

Part # AS5403A-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A-HTST Datasheet(HTML) 12 Page - ams AG

Back Button AS5403A-HTST Datasheet HTML 8Page - ams AG AS5403A-HTST Datasheet HTML 9Page - ams AG AS5403A-HTST Datasheet HTML 10Page - ams AG AS5403A-HTST Datasheet HTML 11Page - ams AG AS5403A-HTST Datasheet HTML 12Page - ams AG AS5403A-HTST Datasheet HTML 13Page - ams AG AS5403A-HTST Datasheet HTML 14Page - ams AG AS5403A-HTST Datasheet HTML 15Page - ams AG AS5403A-HTST Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Electrical Characteristics
PWM
PWMF
PWM frequency
1000
Hz
PWM frequency for
version AS5403A and
AS5403D and AS5403E
125 Hz in table
selection 2. See
Figure 44
TSYNCH
PWM Sync time
0.1*1/PWMF
s
PWMVOH
Output voltage high
4.6
V
VDD=5V; IOUT=-5mA
PWMVOL
Output voltage low
0
0.4
V
VDD=5V, IOUT=5mA
PWMSRR
PWM slew rate
(rising edge)
12
4
V / μs
Between 25% and 75%
RPUOUT=10k
Ω;
CLOUT=4.7nF
VDD=5V
PWMSRF
PWM slew rate
(falling edge)
12
4
V / μs
Between 75% and 25%
RPUOUT=10k
Ω;
CLOUT=4.7nF
VDD=5V
PROGRAMMING
OUTVIH
High level input voltage
at OUT
70
%
VDD
VDD=5V
OUTVIL
Low level input voltage
at OUT
30
%
VDD
VDD=5V
BRATE
UART baud rate
2.4
9.6
kHz
VDD=5V
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com