Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5403A-HTST Datasheet(PDF) 60 Page - ams AG

Part # AS5403A-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403A-HTST Datasheet(HTML) 60 Page - ams AG

Back Button AS5403A-HTST Datasheet HTML 56Page - ams AG AS5403A-HTST Datasheet HTML 57Page - ams AG AS5403A-HTST Datasheet HTML 58Page - ams AG AS5403A-HTST Datasheet HTML 59Page - ams AG AS5403A-HTST Datasheet HTML 60Page - ams AG AS5403A-HTST Datasheet HTML 61Page - ams AG AS5403A-HTST Datasheet HTML 62Page - ams AG AS5403A-HTST Datasheet HTML 63Page - ams AG AS5403A-HTST Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Ordering & Contact Information
The device is available as the standard products shown in
Figure 89.
Figure 89:
Ordering Information
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Package
Description
Delivery Form
Delivery
Quantity
AS5403A-HTST
TSSOP-14
Absolute Linear Position
Sensor with ±50 mT magnetic
input range Bx/Bz
13" Tape & Reel
in dry pack
4500
AS5403A-HTSM
7" Tape & Reel
in dry pack
500
AS5403D-HTST
Absolute Linear Position
Sensor with ±100 mT magnetic
input range Bx/Bz
13" Tape & Reel
in dry pack
4500
AS5403D-HTSM
7" Tape & Reel
in dry pack
500
AS5403E-HTST
Off-Axis Position Sensor with
±100 mT magnetic input range
Bx/By
±100 mT magnetic input range
Bx/Bz
13" Tape & Reel
in dry pack
4500
AS5403E-HTSM
7" Tape & Reel
in dry pack
500
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com