Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-442 Datasheet(PDF) 7 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 7 Page - ams AG

Back Button HLS-442 Datasheet HTML 3Page - ams AG HLS-442 Datasheet HTML 4Page - ams AG HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG HLS-442 Datasheet HTML 10Page - ams AG HLS-442 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ams Datasheet
Page 7
[v1-00] 2015-Mar-30
Document Feedback
HLS-442 − Electrical Interface
Messages From the Sensor
The main message sent from the sensor to the control unit is
the Sensor Status Message, hereafter referred to as the SSM.
After 700 ms from power-ON of the sensor it will start sending
the SSM frame as defined below. The SSM, after this event, is
transmitted periodically with a 100 ms interval until the sensor
is powered OFF. Besides the SSM, the sensor can also send a
Wake-Up pulse. This is described in detail in Wake-Up Function.
The Wake-Up pulse is separate from the SSM and has no impact
on the SSM.
The figure below defines the data field of the SSM CAN data
frame. The data field uses 8 bytes. The CAN ID as described
earlier sets the arbitration field.
Figure 8:
CAN Matrix Message Layout
Parameter
Name
Data
Size
Physical
Measurement
Range
Value
Range
b7
b6
b5
b4
b3
b2
b1
b0
Byte
No.
H2
Concentration
8 bits
0 – 4.4 %
[20 -240]
H2 Concentration
0
Protection
Value 1
8 bits
pv1
1
FE high
8 bits
FE high
2
CRC16 Byte 1
(Higher Byte)
8 bits
CRC16
3
FE low
2 bits
FE low
0
4
Protection
Value 2
2 bits
pv2
4
Sensor
Number
3 bits
[1 - 7]
UB
2
UB
1
UB
0
4
Msg. Counter
8 bits
[0 - 255]
Msg Counter
5
Sensor status
2 bits
[0 - 3]
status
0
6
Part number
5 bits
[1 - 31]
Part number
0
6
CRC16 Byte 2
(Lower Byte)
8 bits
CRC16
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com