Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-442 Datasheet(PDF) 1 Page - ams AG

Part # HLS-442
Description  Automotive Hydrogen Leak Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-442 Datasheet(HTML) 1 Page - ams AG

  HLS-442 Datasheet HTML 1Page - ams AG HLS-442 Datasheet HTML 2Page - ams AG HLS-442 Datasheet HTML 3Page - ams AG HLS-442 Datasheet HTML 4Page - ams AG HLS-442 Datasheet HTML 5Page - ams AG HLS-442 Datasheet HTML 6Page - ams AG HLS-442 Datasheet HTML 7Page - ams AG HLS-442 Datasheet HTML 8Page - ams AG HLS-442 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ams Datasheet
Page 1
[v1-00] 2015-Mar-30
Document Feedback
HLS-442
Automotive Hydrogen Leak Sensor
The HLS-442 automotive hydrogen leak sensor monitors
hydrogen concentrations of 0 – 4.4% in air. The sensor is a leak
sensor developed in accordance to IEC 61508 (SIL2) and
explosion protected according to ATEX 100a. The predicted
concentration is transmitted to the host via the CAN bus
interface. HLS-442 utilizes self-calibration that is performed
automatically when operated in air with normal hydrogen
concentration. Therefore, the HLS-442 should not continuously
be operated in elevated background levels of
hydrogen.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of HLS-442, Automotive Hydrogen
Leak Sensor are listed below:
Figure 1:
Added Value of Using HLS-442
Benefits
Features
• High sensitivity and excellent
selectivity to hydrogen gas
•0–4.4% H2 in air
• Accuracy ±3000 ppm at normal operation
• Low cross sensitivity
• Heated field-effect transistor technology
•No detection towards HC, H2S, N2, CO, CO2, NOx, H2O
• Humidity influence not detectable
• Fast response time
•Start-up time <5s
• Speed of response (t90) < 2s
• Speed of recovery < 10s
• CAN bus interface 500 kbit/s (ISO11898-2)
• PWM output (on request)
• Low power consumption
• 75 mA (typical)
• Long-term stability and reliability
• ESD and EMC protection
• Operating temperature range –40ºC to 85ºC
• Safety integrity level and explosion
proof
• Designed for SIL2 (IEC 61508) and ATEX 100a zone 2
• Long lifetime
• IP67 qualified with expected lifetime of 10 years
General Description


Similar Part No. - HLS-442

ManufacturerPart #DatasheetDescription
logo
ams AG
HLS-440P AMSCO-HLS-440P Datasheet
487Kb / 23P
Automotive Hydrogen Leak Sensor
HLS-440PA AMSCO-HLS-440PA Datasheet
487Kb / 23P
Automotive Hydrogen Leak Sensor
HLS-440PB AMSCO-HLS-440PB Datasheet
487Kb / 23P
Automotive Hydrogen Leak Sensor
More results

Similar Description - HLS-442

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
logo
ams AG
HLS-440P AMSCO-HLS-440P Datasheet
487Kb / 23P
Automotive Hydrogen Leak Sensor
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
Automotive Hydrogen Sensor
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
Trace Hydrogen Sensor
logo
Panasonic Semiconductor
EX-F70 PANASONIC-EX-F70 Datasheet
532Kb / 10P
Leak Detection Sensor
logo
Renesas Technology Corp
SGAS701 RENESAS-SGAS701 Datasheet
902Kb / 17P
Trace Hydrogen (H2)Sensor
logo
Zhengzhou Winsen Electr...
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
Hydrogen Sulfide Gas Sensor
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
Electrochemical Hydrogen Sulfide Gas Sensor
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com