Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GPX Datasheet(PDF) 7 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 7 Page - ams AG

Back Button TDC-GPX Datasheet HTML 3Page - ams AG TDC-GPX Datasheet HTML 4Page - ams AG TDC-GPX Datasheet HTML 5Page - ams AG TDC-GPX Datasheet HTML 6Page - ams AG TDC-GPX Datasheet HTML 7Page - ams AG TDC-GPX Datasheet HTML 8Page - ams AG TDC-GPX Datasheet HTML 9Page - ams AG TDC-GPX Datasheet HTML 10Page - ams AG TDC-GPX Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6
1.3 Electrical Characteristics
Absolute Maximum Ratings (Vss = 0V, Tj = 25°C)
Parameter
Symbol
Condition
Rated Value
Unit
Supply voltage
I/O
Core
Hardmacro
Oscillator
Diff. inputs
Vddo
Vddc
Vddc-h
Vddc-o
Vdde
Vdcc < Vddo + 0.6V
Vdcc < Vddo + 0.6V
Vdcc < Vddo + 0.6V
-0.3 to +3.6
-0.3 to +3.6
-0.3 to +3.6
-0.3 to +3.6
-0.3 to +3.6
V
Input voltage
5V Tolerant
Buffers
Vi
Vddo = +0.3~3.6V
-0.3 to 6.0
V
Output current
1 mA Buffer
4 mA Buffer
Io
-
-5 to +5
-9 to +9
mA
Storage
temperature
Tstg
-65 to 150
°C
Junction
temperature
Tj
-40 to 125
°C
Thermal
resistance
junction-ambient
Rthj-a
TQFP100
TFBGA120
96
105
K/W
Terminal Capacitance
Rated Value
Terminal
Symbol
Condition
Min
Typ
Max
Unit
Input
Ci
-
6
-
Output
Co
-
9
-
Bidirectional
Cio
measured @Vdd = Vi = Vo = Vss, f =
1 MHz, Ta = 25°C
-
10
-
pF
DC Characteristics (Vddo = 3.3 V
± 0.3 V, Vss = 0 V, Tj = -40 to +85°C)
Rated Value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
High-level input voltage
Vih
TTL 5V tolerant input
2.0
-
5.5
Low-level input voltage
Vil
TTL 5V tolerant input
0.0
-
0.8
High-level output voltage
Voh
2.4
Low-level output voltage
Vol
0.4
V
Typ
Supply current
Vddo
Vddc
Vddc-h
Vddc-o
Vdde
I/O
Core
Hardmacro
Oscillator
Diff. inputs
1.4 + Bus
20
7
4
19
mA
LVPECL inputs:
DC Parameters (VDD = 3.3 V±5 %, Tj = 0°C to 125°C)
Parameter
Val
Condition
VinOS
VinDF
Vdde-1.53V < VinOS < Vdde-0.89V
0.2V < VinDF < 2.1V
-
-
VinOS = Input offset voltage, (Via+Vian)/2
VinDF = Input differential voltage,
Via = Input voltage of A
Vian = Input voltage of AN
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com