Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GPX Datasheet(PDF) 46 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 46 Page - ams AG

Back Button TDC-GPX Datasheet HTML 42Page - ams AG TDC-GPX Datasheet HTML 43Page - ams AG TDC-GPX Datasheet HTML 44Page - ams AG TDC-GPX Datasheet HTML 45Page - ams AG TDC-GPX Datasheet HTML 46Page - ams AG TDC-GPX Datasheet HTML 47Page - ams AG TDC-GPX Datasheet HTML 48Page - ams AG TDC-GPX Datasheet HTML 49Page - ams AG TDC-GPX Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
45
5 M-Mode
5.1 Block diagram M-Mode
Measurement Core
Start
select
Logic
Stop1a
value
Stop1b
value
Stop1c
value
Stop2a
value
Stop2b
value
Stop2c
value
Interface Fifo2
28 x 256
Data multiplexer
28 or 2x16
Data bus
high
res
32 cells
Interface Fifo1
28 x 256
28
28
Read/Write
logic
Configuration
registers
WRN RDN CSN
Address
4
DStop1
(LVPECL)
40 MHz
40 MHz
max.
40 MHz
max.
40 MHz
max.
500 kHz max.
high
res
TStop1
(LVTTL)
DStart
(LVPECL)
TStart1
(LVTTL)
high
res
DStop2
(LVPECL)
Input Logic
TStop2
(LVTTL)
Start
FIFO
Start
FIFO1
Start
FIFO2
Hit
FIFO3
Hit
FIFO4
Hit
FIFO5
Hit
FIFO6
Hit
FIFO7
Hit
FIFO8
40 MHz
LF1 EF1
EF2 LF2
500 kHz max.
500 kHz max.
Figure 33
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com