Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5731MPHP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 25Page - Texas Instruments TAS5731MPHP Datasheet HTML 26Page - Texas Instruments TAS5731MPHP Datasheet HTML 27Page - Texas Instruments TAS5731MPHP Datasheet HTML 28Page - Texas Instruments TAS5731MPHP Datasheet HTML 29Page - Texas Instruments TAS5731MPHP Datasheet HTML 30Page - Texas Instruments TAS5731MPHP Datasheet HTML 31Page - Texas Instruments TAS5731MPHP Datasheet HTML 32Page - Texas Instruments TAS5731MPHP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
19
18
20-BitMode
16-BitMode
15
14
MSB
LSB
32Clks
RightChannel
2-ChannelLeft-JustifiedStereoInput
T0034-02
4
5
9
8
1
4
5
1
0
0
0
23
22
1
19
18
15
14
MSB
LSB
4
5
9
8
1
4
5
1
0
0
0
SCLK
TAS5731M
www.ti.com
SLOS838C – JULY 2013 – REVISED AUGUST 2015
Feature Description (continued)
9.3.10.2 Left-Justified
Left-justified (LJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it
is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32,
48, or 64 × fS is used to clock in the data. The first bit of data appears on the data lines at the same time LRCLK
toggles. The data is written MSB-first and is valid on the rising edge of the bit clock. The DAP masks unused
trailing data bit positions.
NOTE: All data presented in 2s-complement form with MSB first.
Figure 49. Left-Justified 64-FS Format
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com