Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5731MPHP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  Digital Audio Power Amplifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 32Page - Texas Instruments TAS5731MPHP Datasheet HTML 33Page - Texas Instruments TAS5731MPHP Datasheet HTML 34Page - Texas Instruments TAS5731MPHP Datasheet HTML 35Page - Texas Instruments TAS5731MPHP Datasheet HTML 36Page - Texas Instruments TAS5731MPHP Datasheet HTML 37Page - Texas Instruments TAS5731MPHP Datasheet HTML 38Page - Texas Instruments TAS5731MPHP Datasheet HTML 39Page - Texas Instruments TAS5731MPHP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
TAS5731M
SLOS838C – JULY 2013 – REVISED AUGUST 2015
www.ti.com
Device Functional Modes (continued)
Figure 59. 2.1 Mode
Refer to 2.1 Application section for more details of the correct 2.1 output connection of the TAS5731M.
9.5 Programming
9.5.1 I2C Serial Control Interface
The TAS5731M DAP has a bidirectional I2C interface that is compatible with the Inter IC (I2C) bus protocol and
supports both 100-kHz and 400-kHz data transfer rates for single- and multiple-byte write and read operations.
This is a slave-only device that does not support a multimaster bus environment or wait-state insertion. The
control interface is used to program the registers of the device and to read device status.
The DAP supports the standard-mode I2C bus operation (100 kHz maximum) and the fast I2C bus operation
(400 kHz maximum). The DAP performs all I2C operations without I2C wait cycles.
9.5.1.1 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Data is transferred on the bus serially, one bit at a time. The address and data can be transferred in byte
(8-bit) format, with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data pin (SDA) while the clock is high to indicate start and stop conditions. A
high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data-bit
transitions must occur within the low time of the clock period. These conditions are shown in Figure 60. The
master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then waits for an acknowledge condition. The TAS5731M holds SDA low during the acknowledge
clock period to indicate an acknowledgment. When this occurs, the master transmits the next byte of the
sequence. Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible
devices share the same signals via a bidirectional bus using a wired-AND connection. An external pullup resistor
must be used for the SDA and SCL signals to set the high level for the bus.
36
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com