Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5754M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5754M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5754M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5754M Datasheet HTML 17Page - Texas Instruments TAS5754M Datasheet HTML 18Page - Texas Instruments TAS5754M Datasheet HTML 19Page - Texas Instruments TAS5754M Datasheet HTML 20Page - Texas Instruments TAS5754M Datasheet HTML 21Page - Texas Instruments TAS5754M Datasheet HTML 22Page - Texas Instruments TAS5754M Datasheet HTML 23Page - Texas Instruments TAS5754M Datasheet HTML 24Page - Texas Instruments TAS5754M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
TAS5754M
www.ti.com
SLAS987 – JUNE 2014
Power Dissipation (continued)
VPVDD
SPK_GAIN(1)(2)(3)
fSPK_AMP
STATE OF
RSPK
IPVDD
(4)
IDVDD
(5)
PDISS
(V)
(dBV)
(kHz)
OPERATION
(
Ω)
(mA)
(mA)
(W)
4
24.33
35
0.386
Idle
6
24.32
35
0.385
8
24.36
35
0.386
4
24.36
35
0.386
Mute
6
24.32
35
0.385
8
24.37
35
0.386
384
4
3.58
17
0.096
Standby
6
3.57
17
0.096
8
3.58
17
0.096
4
3.52
1
0.042
Powerdown
6
3.52
1
0.042
8
3.54
1
0.043
11.1
20
4
30.7
35
0.456
Idle
6
30.65
35
0.456
8
30.67
35
0.456
4
3.072
35
0.150
Mute
6
30.69
35
0.456
8
30.69
35
0.456
768
4
3.54
17
0.095
Standby
6
3.54
17
0.095
8
3.58
17
0.096
4
3.53
1
0.042
Powerdown
6
3.53
1
0.042
8
3.55
1
0.043
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5754M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com