Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5754M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5754M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5754M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5754M Datasheet HTML 9Page - Texas Instruments TAS5754M Datasheet HTML 10Page - Texas Instruments TAS5754M Datasheet HTML 11Page - Texas Instruments TAS5754M Datasheet HTML 12Page - Texas Instruments TAS5754M Datasheet HTML 13Page - Texas Instruments TAS5754M Datasheet HTML 14Page - Texas Instruments TAS5754M Datasheet HTML 15Page - Texas Instruments TAS5754M Datasheet HTML 16Page - Texas Instruments TAS5754M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
TAS5754M
www.ti.com
SLAS987 – JUNE 2014
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPVDD = 15 V, SPK_GAIN = 20dB,
RSPK = 8 Ω, Input Signal 250 mVrms,
–102
1-kHz Sine, across f(S)
VPVDD = 12 V, SPK_GAIN = 20dBV,
RSPK = 8 Ω, Input Signal 250 mVrms,
–90
Cross-talk (worst case
1-kHz Sine, across f(S)
X-talkSPK
between left-to-right and
dB
VPVDD = 24 V, SPK_GAIN = 20dB,
right-to-left coupling)
RSPK = 8 Ω, Input Signal 250 mVrms,
–93
1-kHz Sine, across f(S)
VPVDD = 19 V, SPK_GAIN = 20dB,
RSPK = 8 Ω, Input Signal 250 mVrms,
–93
1-kHz Sine, across f(S)
SPEAKER AMPLIFIER (MONO PBTL)
Measured differentially with zero input
data, SPK_GAIN/FREQ pin
0.7
8
configured for 20dBV gain, VPVDD =
12 V
|VOS|
Amplifier offset voltage
mV
Measured differentially with zero input
data, SPK_GAIN/FREQ pin
4
14
configured for 20dB gain, VPVDD = 24
V
VPVDD = 15 V, SPK_GAIN = 20 dBV,
64
RSPK = 8
Ω, A-Weighted
VPVDD = 12 V, SPK_GAIN = 20 dBV,
62
RSPK = 8 Ω, A-Weighted
ICN
Idle channel noise
µVRMS
VPVDD = 19 V, SPK_GAIN = 26 dBV,
83
RSPK = 8
Ω, A-Weighted
VPVDD = 24 V, SPK_GAIN = 26 dBV,
82
RSPK = 8 Ω, A-Weighted
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS5754M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com