Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5756M Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756M Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5756M Datasheet HTML 35Page - Texas Instruments TAS5756M Datasheet HTML 36Page - Texas Instruments TAS5756M Datasheet HTML 37Page - Texas Instruments TAS5756M Datasheet HTML 38Page - Texas Instruments TAS5756M Datasheet HTML 39Page - Texas Instruments TAS5756M Datasheet HTML 40Page - Texas Instruments TAS5756M Datasheet HTML 41Page - Texas Instruments TAS5756M Datasheet HTML 42Page - Texas Instruments TAS5756M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
Table 5. PLL Configuration Recommendations
EQUATIONS
DESCRIPTION
fS (kHz)
Sampling frequency
RMLCK
Ratio between sampling frequency and MLCK frequency (MLCK frequency = RMLCK x sampling frequency)
MLCK (MHz)
System master clock frequency at MLCK input (pin 20)
PLL VCO (MHz) PLL VCO frequency as PLLCK in Figure 61
P
One of the PLL coefficients in Equation 1
PLL REF (MHz)
Internal reference clock frequency which is produced by MLCK / P
M = K × R
The final PLL multiplication factor computed from K and R as described in Equation 1
K = J.D
One of the PLL coefficients in Equation 1
R
One of the PLL coefficients in Equation 1
PLL fS
Ratio between fS and PLL VCO frequency (PLL VCO / fS)
DSP fS
Ratio between operating clock rate and fS (PLL fS / NMAC)
NMAC
The clock divider value in Table 3
DSP CLK (MHz) The operating frequency as DSPCK in Figure 61
MOD fS
Ratio between DAC operating clock frequency and fS (PLL fS / NDAC)
MOD f (kHz)
DAC operating frequency as DACCK in
NDAC
DAC clock divider value in Table 3
OSR clock divider value in Table 3 for generating OSRCK in Figure 61. DOSR must be chosen so that MOD fS / DOSR =
DOSR
16 for correct operation.
NCP
NCP (negative charge pump) clock divider value in Table 3
CP f
Negative charge pump clock frequency (fS × MOD fS / NCP)
Percentage of error between PLL VCO / PLL fS and fS (mismatch error).
% Error
•
This value is typically zero but can be non-zero especially when K is not an integer (D is not zero).
•
This value may be non-zero only when the TAS5756M device acts as a master.
The previous equations explain how to calculate all necessary coefficients and controls to configure the PLL.
Table 6 provides for easy reference to the recommended clock divider settings for the PLL as a Master Clock.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TAS5756M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com