Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5756M Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5756M
Description  Digital Input, Closed-Loop Class-D Amplifier
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5756M Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5756M Datasheet HTML 75Page - Texas Instruments TAS5756M Datasheet HTML 76Page - Texas Instruments TAS5756M Datasheet HTML 77Page - Texas Instruments TAS5756M Datasheet HTML 78Page - Texas Instruments TAS5756M Datasheet HTML 79Page - Texas Instruments TAS5756M Datasheet HTML 80Page - Texas Instruments TAS5756M Datasheet HTML 81Page - Texas Instruments TAS5756M Datasheet HTML 82Page - Texas Instruments TAS5756M Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
1.1-SDIN
1.1-SCLK
1.1-MCLK
1.1-SDOUT
1.1-GPIO1
1.1-GPIO0
1.1-SPK_FAULT
1.1-SCL
1.1-SDA
1.1_LF+
1.1_LF-
1.1_HF-
1.1_HF+
1.1-SPK_MUTE
1.1-LRCK/FS
GND
GND
GND
GND
GND
GND
GND
3.3V
GND
GND
GND
1µF
C518
2.2µF
C513
GND
GND
GND
GND
PVDD
0.1µF
C521
1.1-SPK_OUTB-
1.1-SPK_OUTB+
L500
1.1-SPK_OUTA+
1.1-SPK_OUTA-
GND
GND
GND
PVDD
3.3V
GND
150k
R501
To System Processor
L501
L502
L503
22µF
C501
0.22µF
C504
GND
0.68µF
C509
GND
GND
GND
750k
R500
GND
PAD
TAS5756MDCA
U500
TAS5754MDCA
3.3V
1µF
C519
1µF
C520
1µF
C505
1µF
C503
22µF
C502
22µF
C522
22µF
C523
2.2µF
C514
0.22µF
C508
0.22µF
C511
0.22µF
C515
C510
0.68µF
C516
0.68µF
C517
2.2µF
C506
2.2µF
C507
0.1µF
C500
1µF
C512
TAS5756M
www.ti.com
SLAS988B – JUNE 2014 – REVISED AUGUST 2015
Figure 83. 1.1 (Dual BTL, Bi-Amped) Application Schematic
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: TAS5756M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com