Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG4903 Datasheet(PDF) 2 Page - ams AG

Part # TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Datasheet(HTML) 2 Page - ams AG

  TMG4903 Datasheet HTML 1Page - ams AG TMG4903 Datasheet HTML 2Page - ams AG TMG4903 Datasheet HTML 3Page - ams AG TMG4903 Datasheet HTML 4Page - ams AG TMG4903 Datasheet HTML 5Page - ams AG TMG4903 Datasheet HTML 6Page - ams AG TMG4903 Datasheet HTML 7Page - ams AG TMG4903 Datasheet HTML 8Page - ams AG TMG4903 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − General Description
Key Benefits & Features
The benefits and features of TMG4903, Gesture, Color and
Proximity Sensor Module with mobeam™ Barcode Emulation
and IR Remote Control are listed below:
Figure 1:
Added Value of Using TMG4903
Note(s) and/or Footnote(s):
1. While an object is detected, the sample rate increases automatically to improve response.
2. Device sensitivity is automatically adjusted based on reflected response to support a wide detection distance.
Applications
The TMG4903 applications include:
• Gesture detection
• Color sensing
• Ambient light sensing
• Cell phone touch screen disable
• Mechanical switch replacement
• 1D bar code emulation
• Universal remote control
Benefit
Feature
2D and 3D gesture and proximity detection
• Automatic sample rate adjustment (1)
• Self-maximizing dynamic range (2)
• 2D and 3D gesture detect
• Ambient light rejection
• Advanced crosstalk compensation
• AFE saturation flag
• Programmable LED driver
• Interrupt-driven I²C communication
Ambient light and color sensing
• Variable sensitivity
• Designed to operate behind inked glass
• UV/IR blocking filter
• Programmable gain and integration time
• 6.7M:1 dynamic range by gain adjustment only
• Interrupt-driven I²C communication
IRBeam pattern generator
• mobeam™ support
• Universal remote control support
• Interrupt-driven I²C communication
Integrated LED and driver
• Calibrated emission and response
• Invisible 950nm emission
Low supply voltage
• 1.8V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com