Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMG4903 Datasheet(PDF) 6 Page - ams AG

Part # TMG4903
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG4903 Datasheet(HTML) 6 Page - ams AG

Back Button TMG4903 Datasheet HTML 2Page - ams AG TMG4903 Datasheet HTML 3Page - ams AG TMG4903 Datasheet HTML 4Page - ams AG TMG4903 Datasheet HTML 5Page - ams AG TMG4903 Datasheet HTML 6Page - ams AG TMG4903 Datasheet HTML 7Page - ams AG TMG4903 Datasheet HTML 8Page - ams AG TMG4903 Datasheet HTML 9Page - ams AG TMG4903 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Electrical Characteristics
The parameters with min and max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s) and/or Footnote(s):
1. While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated at
25°C, unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Note(s) and/or Footnote(s):
1. Values are shown at the VDD pin and do not include current through the IR LED.
2. This parameter indicates the supply current during periods of ALS integration. If Wait is enabled (WEN=1), the supply current is
lower during the Wait period.
3. Idle state occurs when PON=1 and all functions are not enabled.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
1.7
1.8
2.0
V
TA
Operating free-air temperature (1)
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator Frequency
8.1
MHz
IDD
Supply current (1)
Active ALS state
(PON=AEN=1,
PEN=IBEN=0) (2)
150
200
μA
Idle state
(PON=1,
AEN=PEN=IBEN=0) (3)
30
60
Sleep State (4)
0.4
5
VOL
INT, SDA, GPIO output low
voltage
6 mA sink current
0.6
V
ILEAK
Leakage current, SDA, SCL,
INT, GPIO, LDR pins
-5
5
μA
VIH
SCL, SDA input high voltage
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com