Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23832-R521-M101 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button V23832-R521-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 24Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 25Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 26Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
V23832-T2131-M101
V23832-R121-M101
Technical Data
Data Sheet
23
2003-11-19
Figure 12
Timing Diagrams
Parameter
Symbol
Values
Unit
min.
typ.
max.
Signal Detect Deassert Time
t
1
310
µs
Signal Detect Assert Time
t
2
210
µs
Output Enable off Delay Time
t
3
14
20
µs
Output Enable on Delay Time
t
4
18
20
µs
t1
t2
Data Out 1, 12
Signal Detect 1
Signal Detect 12
File: 3325
t3
t4
Output Enable OEN
Data Out
data valid
2.0 V
0.8 V
data Low
data valid
File: 3326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com