Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23832-R521-M101 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button V23832-R521-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 24Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 25Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 26Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 27Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 28Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
V23832-T2131-M101
V23832-R121-M101
Technical Data
Data Sheet
25
2003-11-19
Figure 14
PCB Layout
1. Figure 14 describes the recommended customer board layout for the PAROLI 2
modules.
2. The holes for the screwing leads and ground plates must be tied to signal ground.
3. Modules must be screwed on the 4 indicated positions (tightening torque should be
typically 10 cNm).
4. Screw size for PCB or heat sink mounting = M1.6.
5. Screw length (PCB mounting) = PCB thickness + 5.2
–0.5 mm.
6. Screw length (heat sink mounting) = heat sink thickness + 3.1
–0.5 mm.
7. Modules can be mounted directly side by side.
8. The dashed lines in Figure 14 indicate the typical keep out area for straight MPO
connectors as well as for the module MPO receptacle in case of central board
placement of the module.
File: 3508
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com