Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  Low-Voltage Adjustable Precision Shunt Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV431ACDBVR Datasheet HTML 17Page - Texas Instruments TLV431ACDBVR Datasheet HTML 18Page - Texas Instruments TLV431ACDBVR Datasheet HTML 19Page - Texas Instruments TLV431ACDBVR Datasheet HTML 20Page - Texas Instruments TLV431ACDBVR Datasheet HTML 21Page - Texas Instruments TLV431ACDBVR Datasheet HTML 22Page - Texas Instruments TLV431ACDBVR Datasheet HTML 23Page - Texas Instruments TLV431ACDBVR Datasheet HTML 24Page - Texas Instruments TLV431ACDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
REF
CATHODE
ANODE
R2
VSUP
RSUP
R1
VO
(
R1
Vref
0.1%
R2
0.1%
TL431
= 1 +
Vref
)
CL
TLV431, TLV431A, TLV431B
www.ti.com
SLVS139V – JULY 1996 – REVISED JANUARY 2015
10.2.2 Shunt Regulator/Reference
Figure 26. Shunt Regulator Schematic
10.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Reference Initial Accuracy
1.0%
Supply Voltage
6 V
Cathode Current (Ik)
1 mA
Output Voltage Level
1.24 V - 6 V
Load Capacitance
100 nF
Feedback Resistor Values and Accuracy (R1 & R2)
10 k
Ω
10.2.2.2 Detailed Design Procedure
When using TLV431 as a Shunt Regulator, determine the following:
•
Input voltage range
•
Temperature range
•
Total accuracy
•
Cathode current
•
Reference initial accuracy
•
Output capacitance
10.2.2.2.1
Programming Output/Cathode Voltage
In order to program the cathode voltage to a regulated voltage a resistive bridge must be shunted between the
cathode and anode pins with the mid point tied to the reference pin. This can be seen in Figure 26, with R1 & R2
being the resistive bridge. The cathode/output voltage in the shunt regulator configuration can be approximated
by the equation shown in Figure 26. The cathode voltage can be more accuratel determined by taking in to
account the cathode current:
VO=(1+R1/R2)*Vref–Iref*R1
In order for this equation to be valid, TLV431 must be fully biased so that it has enough open loop gain to
mitigate any gain error. This can be done by meeting the Imin spec denoted in Recommended Operating
Conditions table.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com