Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  Low-Voltage Adjustable Precision Shunt Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV431ACDBVR Datasheet HTML 9Page - Texas Instruments TLV431ACDBVR Datasheet HTML 10Page - Texas Instruments TLV431ACDBVR Datasheet HTML 11Page - Texas Instruments TLV431ACDBVR Datasheet HTML 12Page - Texas Instruments TLV431ACDBVR Datasheet HTML 13Page - Texas Instruments TLV431ACDBVR Datasheet HTML 14Page - Texas Instruments TLV431ACDBVR Datasheet HTML 15Page - Texas Instruments TLV431ACDBVR Datasheet HTML 16Page - Texas Instruments TLV431ACDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Output
R = 1.8 kΩ
TA = 25°C
1.8 kΩ
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 2
0
1
2
3
4
PULSE RESPONSE 2
5
6
7
8
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time − µs
Input
IK
Output
R = 18 kΩ
TA = 25°C
18 kΩ
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 1
0
1
2
3
4
PULSE RESPONSE 1
5
6
7
8
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time − µs
Input
Ik
TLV431, TLV431A, TLV431B
www.ti.com
SLVS139V – JULY 1996 – REVISED JANUARY 2015
Typical Characteristics (continued)
Operation of the device at these or any other conditions beyond those indicated in the Recommended Operating Conditions
table are not implied.
Figure 16. Pulse Response 1
Figure 17. Pulse Response 2
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com