Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP102 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 2 Page - Texas Instruments

  TMP102 Datasheet HTML 1Page - Texas Instruments TMP102 Datasheet HTML 2Page - Texas Instruments TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TMP102-Q1
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 14
1
Features .................................................................. 1
7.5
Programming........................................................... 15
2
Applications ........................................................... 1
8
Application and Implementation ........................ 20
3
Description ............................................................. 1
8.1
Application Information............................................ 20
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 20
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 22
6
Specifications......................................................... 3
10
Layout................................................................... 22
6.1
Absolute Maximum Ratings ..................................... 3
10.1
Layout Guidelines ................................................. 22
6.2
ESD Ratings.............................................................. 3
10.2
Layout Example .................................................... 22
6.3
Recommended Operating Conditions ....................... 3
11
Device and Documentation Support ................. 23
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 23
6.5
Electrical Characteristics.......................................... 4
11.2
Community Resources.......................................... 23
6.6
Timing Requirements ................................................ 5
11.3
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 23
7
Detailed Description .............................................. 7
11.5
Glossary ................................................................ 23
7.1
Overview ................................................................... 7
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 7
Information ........................................................... 23
7.3
Feature Description................................................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2015) to Revision C
Page
•
Added TI Design .................................................................................................................................................................... 1
•
Added NIST Traceable Features bullet ................................................................................................................................. 1
•
Added last paragraph to Description section ......................................................................................................................... 1
•
Added Community Resources section ................................................................................................................................ 23
Changes from Revision A (November 2014) to Revision B
Page
•
Updated pin numbers on the schematic images .................................................................................................................... 1
•
Changed the Handling Ratings table to ESD Ratings and moved the storage temperature parameter to the Absolute
Maximum Ratings table ......................................................................................................................................................... 3
•
Changed typ, max values for the Accuracy (temperature error) parameter........................................................................... 4
•
Changed the frequency from 2.85 to 3.4 MHz in the POWER SUPPLY section of the Electrical Characteristics table ...... 4
•
Changed the Temperature Error vs Temperature graph in the Typical Characteristics section ............................................ 6
•
Changed the Temperature Error at 25°C graph in the Typical Characteristics section ........................................................ 6
Changes from Original (October 2014) to Revision A
Page
•
Changed the frequency from 2.8 to 2.85 MHz in the POWER SUPPLY section of the Electrical Characteristics table ...... 4
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com