Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  Low-Power Digital Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 17Page - Texas Instruments TMP102 Datasheet HTML 18Page - Texas Instruments TMP102 Datasheet HTML 19Page - Texas Instruments TMP102 Datasheet HTML 20Page - Texas Instruments TMP102 Datasheet HTML 21Page - Texas Instruments TMP102 Datasheet HTML 22Page - Texas Instruments TMP102 Datasheet HTML 23Page - Texas Instruments TMP102 Datasheet HTML 24Page - Texas Instruments TMP102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Time (s)
-1
1
3
5
7
9
11
13
15
17
19
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
(F)
10 nF
≥
R
(F)
5 k
≤
Supply Voltage
TMP102-Q1
www.ti.com
SBOS702C – OCTOBER 2014 – REVISED DECEMBER 2015
Typical Application (continued)
8.2.2 Detailed Design Procedure
Place the TMP102-Q1 device in close proximity to the heat source that must be monitored, with a proper layout
for good thermal coupling. This placement ensures that temperature changes are captured within the shortest
possible time interval. To maintain accuracy in applications that require air or surface temperature measurement,
care must be taken to isolate the package and leads from ambient air temperature. A thermally-conductive
adhesive is helpful in achieving accurate surface temperature measurement.
The TMP102-Q1 device is a very low-power device and generates very low noise on the supply bus. Applying an
RC filter to the V+ pin of the TMP102-Q1 device can further reduce any noise that the TMP102-Q1 device might
propagate to other components. R(F) in Figure 16 must be less than 5 kΩ and C(F) must be greater than 10 nF.
Figure 16. Noise Reduction Techniques
8.2.3 Application Curve
Figure 17 shows the step response of the TMP102-Q1 device to a submersion in an oil bath of 100ºC from room
temperature (27ºC). The time-constant, or the time for the output to reach 63% of the input step, is 0.8 s. The
time-constant result depends on the printed circuit board (PCB) that the TMP102-Q1 device is mounted. For this
test, the TMP102-Q1 device was soldered to a two-layer PCB that measured 0.375 in × 0.437 in.
Figure 17. Temperature Step Response
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com