Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC164CS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 9Page - Infineon Technologies AG XC164CS Datasheet HTML 10Page - Infineon Technologies AG XC164CS Datasheet HTML 11Page - Infineon Technologies AG XC164CS Datasheet HTML 12Page - Infineon Technologies AG XC164CS Datasheet HTML 13Page - Infineon Technologies AG XC164CS Datasheet HTML 14Page - Infineon Technologies AG XC164CS Datasheet HTML 15Page - Infineon Technologies AG XC164CS Datasheet HTML 16Page - Infineon Technologies AG XC164CS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
XC164
Derivatives
General Device Information
Data Sheet
9
V2.1, 2003-06
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
53
54
55
56
57
58
59
60
IO
O
O
O
O
O
O
O
O
O
I
I
O
I
I
O
O
I
O
I
O
I
Port 4 is an 8-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 4 is selectable (standard
or special).
Port 4 can be used to output the segment address lines, the
optional chip select lines, and for serial interface lines:1)
A16
Least Significant Segment Address Line,
CS3
Chip Select 3 Output
A17
Segment Address Line,
CS2
Chip Select 2 Output
A18
Segment Address Line,
CS1
Chip Select 1 Output
A19
Segment Address Line,
CS0
Chip Select 0 Output
A20
Segment Address Line,
CAN2_RxD CAN Node 2 Receive Data Input,
EX5IN
Fast External Interrupt 5 Input (alternate pin B)
A21
Segment Address Line,
CAN1_RxD CAN Node 1 Receive Data Input,
EX4IN
Fast External Interrupt 4 Input (alternate pin B)
A22
Segment Address Line,
CAN1_TxD CAN Node 1 Transmit Data Output,
EX5IN
Fast External Interrupt 5 Input (alternate pin A)
A23
Most Significant Segment Address Line,
CAN1_RxD CAN Node 1 Receive Data Input,
CAN2_TxD CAN Node 2 Transmit Data Output,
EX4IN
Fast External Interrupt 4 Input (alternate pin A)
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com