Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M803 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 13Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 14Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 15Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 16Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 17Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 18Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 19Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 20Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
318
2M803 DIMENSIONS BAYONET COUPLING
PLUG
All dimensions in inches (millimeters in blue)
SHELL SIZE
A THREAD
B DIA. MAX.
C DIA.
IN.
MM.
IN.
MM.
5
.2500-32 UNEF-2A
0.470
11.94
0.210
5.33
6
.3125-32 UNEF-2A
0.535
13.59
0.280
7.11
7
.4375-28 UNEF-2A
0.615
15.62
0.390
9.91
8
.5000-28 UNEF-2A
0.670
17.02
0.455
11.56
9
.5625-24 UNEF-2A
0.740
18.80
0.510
12.95
10
.6250-24 UNEF-2A
0.805
20.45
0.570
14.48
12
.6875-24 UNEF-2A
0.890
27.60
0.650
16.51
14
.9375-20 UNEF-2A
1.095
27.81
0.805
20.45
IN-LINE
SHELL SIZE
A MAX.
B DIA.
C THREAD
D DIA.
IN.
MM.
IN.
MM.
IN.
MM.
5
0.380
9.65
0.300
7.62
.2500-32 UNEF-2A
0.230
5.84
6
0.465
11.81
0.362
9.19
.3125-32 UNEF-2A
0.286
7.26
7
0.500
12.70
0.436
11.07
.4375-28 UNEF-2A
0.390
9.91
8
0.570
14.48
0.508
12.90
.5000-28 UNEF-2A
0.440
11.18
9
0.652
16.56
0.561
14.25
.5625-24 UNEF-2A
0.500
12.70
10
0.715
18.15
0.635
16.13
.6250-24 UNEF-2A
0.562
14.27
12
0.805
20.45
0.714
18.14
.6875-24 UNEF-2A
0.650
16.51
14
0.915
23.24
0.865
21.97
.9375-20 UNEF-2A
0.805
20.45
.930 (23.6)
MAX
.930 (23.6)
MAX
B DIA.
MAX
C DIA.
A THREAD
STRAIGHT FLUTES
B DIA.
D DIA.
.910 (23.11) MAX
B DIA.
.910 (23.11) MAX
C THREAD
MASTER
KEYWAY
A DIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com