Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M803 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 22Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 23Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 24Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 25Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 26Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 27Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 28Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 29Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
321
2M803 ACCESSORIES
DUSTCAPS
SHELL SIZE FOR 2M803
METAL DUSTCAPS WITH NYLON ROPE LANYARD
FOR PLUGS WITH RING
ATTACHMENT
FOR FLANGED RECEPTACLES
WITH RING ATTACHMENT
FOR JAM NUT RECEPTACLES WITH
LARGE RING ATTACHMENT
5
2M660-082-XX-G502-4
2M660-083-XX-G501-3
2M660-083-XX-G514-4
6
2M660-082-XX-G602-4
2M660-083-XX-G601-3
2M660-083-XX-G615-4
7
2M660-082-XX-G702-4
2M660-083-XX-G701-3
2M660-083-XX-G716-4
8
2M660-082-XX-G802-4
2M660-083-XX-G801-3
2M660-083-XX-G817-4
9
2M660-082-XX-G902-4
2M660-083-XX-G902-3
2M660-083-XX-G918-4
10
2M660-082-XX-G1002-5
2M660-083-XX-G1002-3
2M660-083-XX-G1019-4
12
2M660-082-XX-G1202-5
2M660-083-XX-G1202-3
2M660-083-XX-G1219-4
14
2M660-082-XX-G1402-6
2M660-083-XX-G1402-3
2M660-083-XX-G1420-4
STRAIN RELIEF CABLE CLAMP WITH ROTATABLE COUPLING
SHELL
SIZE
PART NUMBER
THREAD SIZE 2B
CABLE ENTRY DIA.
5
2M620MS065-XX05
.2500-32 UNEF
0.11
6
2M620MS065-XX06
.3125-32 UNEF
0.17
7
2M620MS065-XX07
.4375-28 UNEF
0.23
8
2M620MS065-XX08
.5000-28 UNEF
0.30
9
2M620MS065-XX09
.5625-24 UNEF
0.30
10
2M620MS065-XX10
.6250-24 UNEF
0.36
12
2M620MS065-XX12
.6875-24 UNEF
0.42
14
2M620MS065-XX14
.9375-20 UNEF
0.48
ADDITIONAL BACKSHELLS
DESCRIPTION
PARTNUMBERPREFIX
STRAIGHT
90°
45°
Thread-On BAND-IT Adapter
2M440MS135
X
2M440ML135
X
2M440MK135
X
Low-Profile BAND-IT Adapter
2M440MS134
X
Environmental Backshell
2M370MS038
X
2M370MA038
X
2M370MB038
X
EMI Backshell
2M380MS137
X
2M380MA137
X
2M380MB137
X
Environmental EMI Backshell
2M390MS077
X
2M390MA077
X
2M390MB077
X
C
Aluminum/ Black Anodize (Non-Conductive) (RoHS)
M
Aluminum/ Electroless Nickel (RoHS)
NF Aluminum/ Cadmium with Olive Drab Chromate
MT Aluminum/ Nickel-PTFE (Durmalon) (RoHS)
Z1 Stainless Steel/ Passivated
ZN Aluminum/ Zinc-Nickel with Olive Drab Chromate
ZNU Aluminum/ Zinc-Nickel with Black Chromate (RoHS)
REPLACE XX WITH PLATING CODE
C
Aluminum/ Black Anodize (Non-Conductive)
(RoHS)
M Aluminum/ Electroless Nickel (RoHS)
NF Aluminum/ Cadmium with Olive Drab Chromate
MT Aluminum/ Nickel-PTFE (Durmalon) (RoHS)
Z1 Stainless Steel/ Passivated
ZN Aluminum/ Zinc-Nickel with Olive Drab
Chromate
ZNU Aluminum/ Zinc-Nickel with Black Chromate
(RoHS)
REPLACE XX WITH PLATING CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com