Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1696 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1696 Datasheet HTML 1Page - Diodes Incorporated AL1696 Datasheet HTML 2Page - Diodes Incorporated AL1696 Datasheet HTML 3Page - Diodes Incorporated AL1696 Datasheet HTML 4Page - Diodes Incorporated AL1696 Datasheet HTML 5Page - Diodes Incorporated AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
5 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO
VTH(ST)
Startup Voltage
–
–
14.5
–
V
VOPR(min)
Minimal Operating Voltage
After Turn On
–
8.5
–
V
VCC_CLAMP
VCC Clamp Voltage
ICC = 1mA
–
16
–
V
Standby Current
IST
Start-Up Current
VCC = VTH(ST)-0.5V,
Before Start Up
–
150
–
µA
ICC(OPR)
Operating Current
Switching Frequency at
5kHz
–
120
–
µA
Internal High Voltage MOSFET
RDS(ON)
Drain-Source On-State Resistance
AL1696-30A
–
–
3
Ω
AL1696-20B
–
–
6
Ω
AL1696-20C
–
–
5.5
Ω
IDS
Continuous Drain-Source Current
AL1696-30A
–
–
3.0
A
AL1696-20B
–
–
2.0
A
AL1696-20C
–
–
2.0
A
VDS
Drain-Source Breakdown Voltage
AL1696-30A
300
–
–
V
AL1696-20B
500
–
–
V
AL1696-20C
600
–
–
V
IDSS
Drain-Source Leakage Current
AL1696-30A
@VDS = 300V, VGS = 0V
–
–
1
µA
AL1696-20B
@VDS = 500V, VGS = 0V
–
–
1
µA
AL1696-20C
@VDS = 600V, VGS = 0V
–
–
1
µA
RT
VRT
Reference Voltage of RT Pin
–
–
0.5
–
V
Current Sense
VREF
Current Sense Reference
–
0.388
0.400
0.412
V
tON_MIN
Minimum tON
–
–
550
–
ns
tON_MAX
Maximum tON
RT = 27kΩ
–
8
–
µs
tOFF_MAX
Maximum tOFF
–
–
180
–
µs
tOFF_MIN
Minimum tOFF (Note 7)
–
–
6
–
µs
Over Temperature Protection
–
Shutdown Temperature (Notes 7 & 8)
–
–
+170
–
°C
Notes:
7. These parameters, although guaranteed by design, are not 100% tested in production.
8. The device will latch when OTP happen and the device won
’t operate constantly at this temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com