Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1696 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1696
Description  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1696 Datasheet HTML 1Page - Diodes Incorporated AL1696 Datasheet HTML 2Page - Diodes Incorporated AL1696 Datasheet HTML 3Page - Diodes Incorporated AL1696 Datasheet HTML 4Page - Diodes Incorporated AL1696 Datasheet HTML 5Page - Diodes Incorporated AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
1 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Description
The AL1696 is a highly integrated high power factor constant current
converter for mains dimmable LED driver applications. The AL1696
controls the system operating in boundary conduction mode (BCM) to
ease in EMI/EMC qualification and testing to meet the latest
regulatory standards.
The AL1696 with build-in MOSFET solution reduces the bill of
material (BOM) cost by eliminating the need of auxiliary winding and
external high voltage MOSFET.
The AL1696 can be compatible with a wide range of dimmers
including leading edge and trailing edge dimmers. Some dimmers can
achieve deep dimming down to 1%. The AL1696 dimming curve is
compliant with the standard of NEMA SSL6.
The AL1696 is available in SO-7 package, which provides an extra
pin spacing between the high voltage MOSFET
’s drain and low
voltage pins to increase electricity isolation.
Features
Internal MOSFET up to 300V/3A, 500V/2A, 600V/2A
Tigh
t Current Sense Tolerance: ±3%
Low Startup Current: 150µA
Low Operation Current: 120µA (Switching Frequency at 5kHz)
Single Winding Inductor
Wide Range of Dimmer Compatibility
Dimming Curve Compliant with NEMA SSL6
Internal Protections
Under Voltage Lockout (UVLO)
Leading-Edge Blanking (LEB)
Cycle-by-cycle Over Current Protection (OCP)
Output Short Protection (OSP)
Over-Temperature Protection (OTP)
SO-7 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
7
6
5
GND
CS
NC
NC
RT
D
VCC
SO-7
Applications
Mains Dimmable LED Lamps
Offline LED Power Supply Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1696

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
AL1692 DIODES-AL1692 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 2
AL1692-10ES7-13 DIODES-AL1692-10ES7-13 Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
Rev 2
AL1692-20CS7-13 DIODES-AL1692-20CS7-13 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
More results

Similar Description - AL1696

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
Rev 1
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com