Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3783 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated AP3783 Datasheet HTML 10Page - Diodes Incorporated AP3783 Datasheet HTML 11Page - Diodes Incorporated AP3783 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP3783
Document number: DS37429 Rev. 6 - 2
8 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3783
Operation Principle Description
CIN2
FR1
Da
T1
Ds
FB
RFB1
DRI
CPC
RCS
RFB2
CS
CVCC
U1
GND
VCC
CCPC
RST1
RST2
Q1
12V/1.5A
5V/2A
C2
R2
COUT2
DIN
R0
R1
C1
D1
COUT1
CY1
AP3783
RDUMMY
CIN1
Np
Ns
Na
+
+
+
+
+
LIN
Ra
1
2
3
4
5
6
Dg
Rg
Figure 1. Typical Application Circuit of AP3783
Figure 1 is the typical application circuit of AP3783, which is a conventional Flyback converter with a 3-winding transformer---primary winding (NP),
secondary winding (NS) and auxiliary winding (NAUX). The auxiliary winding is used for providing VCC supply voltage for IC and sensing the output
voltage feedback signal to FB pin.
Figure 2 shows the typical waveforms which demonstrate the basic operating principle of AP3783 application. And the parameters are defined as
following.
IP---The primary side current
IS ---The secondary side current
IPK---Peak value of primary side current
IPKS---Peak value of secondary side current
VSEC---The transient voltage at secondary winding
VS---The stable voltage at secondary winding when rectification diode is in conducting status, which equals the sum of output voltage VOUT and
the forward voltage drop of diode
VAUX---The transient voltage at auxiliary winding
VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of voltage VCC and the forward
voltage drop of auxiliary diode
tSW ---The period of switching frequency
tONP ---The conduction time when primary side switch is “ON”
tONS ---The conduction time when secondary side diode is “ON”
tOFF ---The dead time when neither primary side switch nor secondary side diode is “ON”
tOFFS --- The time when secondary side diode is “OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com