Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3783 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated AP3783 Datasheet HTML 10Page - Diodes Incorporated AP3783 Datasheet HTML 11Page - Diodes Incorporated AP3783 Datasheet HTML 12Page - Diodes Incorporated AP3783 Datasheet HTML 13Page - Diodes Incorporated AP3783 Datasheet HTML 14Page - Diodes Incorporated AP3783 Datasheet HTML 15Page - Diodes Incorporated AP3783 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP3783
Document number: DS37429 Rev. 6 - 2
12 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3783
Operation Principle Description (Cont.)
Leading Edge Blanking (LEB) Time
When the power switch is turned on, a turn-on spike will occur on the sense-resistor. To avoid false turn off switch, a leading-edge blanking is
built in. During this blanking time, the current sense comparator is disabled and the external power switch cannot be turned off. Furthermore,
due to multiple segment peak current design, the required maximum on time tONP changes with different load conditions. Therefore the LEB time
parameter also changes with different load conditions.
Adjustable Line Compensation and Fixed Cable Compensation
The AP3783 power system can adjust line compensation by changing the upper resistor at FB pin. The line compensation capability is
increased by decreasing the resistance of the upper FB resistor.
Cable compensation is fixed in AP3783.
Valley Turn-on
When the off time (tOFF) is lower than 16s, AP3783 power system can work with valley turn-on. It can reduce MOSFET switching on power
losses which is resulted from the equivalent output capacitance. At the same time, because of valley turn-on the switching frequency has the
random jitter feature, which will be benefited for conductive EMI performance. And valley turn-on can also reduce the power switch turn-on
spike current and then result in the better radiative EMI performance.
Frequency Jitter
Even though the valley turn on function can lead the random frequency jitter feature, an active frequency jitter function is added to AP3783 to
ensure the frequency jitter performance in the whole loading condition. By adjusting the VCS_REF with deviation of 5.0% every 256μs cycle, the
active frequency jitter can be realized.
Short Circuit Protection (SCP)
Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When
the detected FB pin voltage is below VFB(SCP) for a duration of about 128ms, the SCP is triggered. Then the AP3783 enters hiccup mode that
the IC immediately shuts down and then restarts, so that the VCC voltage changes between VTH_ST and UVLO threshold until VFB(SCP) condition
is removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than 18ms to avoid entering SCP mode. But
for the output short condition or the output voltage below a certain level, the SCP mode will be triggered.
Figure 6 is the AP3783 normal start-up waveform that the voltage of FB pin is above VFB(SCP) during tSCP after VCC gets to the VTH_ST, which
doesn
’t enter the SCP mode. As shown in Figure 7, V
OUT is short and the voltage of FB pin is lower than V
FB(SCP) during tSCP, the AP3783
triggers the SCP and enters the hiccup mode.
VTH_ST
VFB(SCP)
tSCP
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 6. Normal Start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com