Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH8501 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH8501
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH8501 Datasheet HTML 4Page - Diodes Incorporated AH8501 Datasheet HTML 5Page - Diodes Incorporated AH8501 Datasheet HTML 6Page - Diodes Incorporated AH8501 Datasheet HTML 7Page - Diodes Incorporated AH8501 Datasheet HTML 8Page - Diodes Incorporated AH8501 Datasheet HTML 9Page - Diodes Incorporated AH8501 Datasheet HTML 10Page - Diodes Incorporated AH8501 Datasheet HTML 11Page - Diodes Incorporated AH8501 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
8 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
Application Note
ENABLE Pin - Awake and Sleep Period Control
ENABLE pin controls the device’s “Awake” and “Sleep” periods and operating modes (Sleep, Auto-Run and External Drive modes).
When the ENABLE pin is pulled low (ENABLE = GND) continuously, the device enters sleep mode where the supply current is 8.93µA typical at
VDD = 1.8V (the output is 0.9V). The ENABLE pin is internally pulled low and therefore the default mode is the sleep mode if the ENABLE pin is
left floating.
When the ENABLE pin is pulled high (ENABLE = VDD or pulled high) the device enters auto-run mode with the conversion time TCONV of 16 clock
cycles (160µs typical) and therefore the sampling rate is 6.25kHz. The average supply current with the ENABLE pin pulled high continuously is
1.01mA at VDD = 1.8V.
In external drive mode, the sample rate can be controlled between 0 to 7.14kHz by clocking the ENABLE pin with an external PWM signal. The
minimum pulse width needed on the ENABLE pin to start sample/conversion is 20µs typical; we recommend using pulse width of 40µs minimum.
When the ENABLE pin is clocked, the conversion time (signal acquisition, conversion and output update) TCONV is 14 clock cycles (140µs
typical). When the ENABLE goes high, the sample trigger delay is 1 clock pulse (10µs) where supply current remains at 8.93µA typical at VDD =
1.8V. After the sample trigger delay, the next 12 clock pulse (120µs typical) is ‘Awake’ period where the typical supply current is 1.35mA at 1.8V
supply. The next pulse (10µs) is used to update the output stage and during this time the supply current drops back to 8.93µA typical at 1.8V
supply. Therefore, the average supply current while the device is at the maximum sampling rate of 7.14kHz is 1.16mA typical at 1.8V supply. At
a sampling rate of 20Hz, the supply current is 12µA typical at VDD = 1.8V achieving micropower operation.
For ENABLE pin clocking period of T, the average current is given by
DD
=
.
×
.
×
(@ 1.8V)
DD
=
_
×
_
×
(General equation)
Quiescent Output Voltage VNULL and Offset Voltage
The figure below shows the ideal transfer curve near zero magnetic field (B = 0Gauss). Zero Gauss is the transition point between
VOUTPUT = VDD*127/128 and VOUTPUT = VDD/2. When B is slightly larger than zero, the output is one-half the supply voltage typically.
Quiescent output voltage (VNULL) is defined as the typical output voltage when B = 0.5Gauss (slightly higher than 0G). Any difference of VNULL
from VDD/2 introduces offset (VOFSET).
Transfer Curve Near 0 Gauss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com