Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH8501 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AH8501
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AH8501 Datasheet HTML 10Page - Diodes Incorporated AH8501 Datasheet HTML 11Page - Diodes Incorporated AH8501 Datasheet HTML 12Page - Diodes Incorporated AH8501 Datasheet HTML 13Page - Diodes Incorporated AH8501 Datasheet HTML 14Page - Diodes Incorporated AH8501 Datasheet HTML 15Page - Diodes Incorporated AH8501 Datasheet HTML 16Page - Diodes Incorporated AH8501 Datasheet HTML 17Page - Diodes Incorporated AH8501 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
14 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
Typical Operating Characteristics (cont.)
Typical Null Voltage: Output Voltage at B = 0+ Gauss (Note 16)
Note:
16. Null voltage is the voltage with magnetic flux density B = 0G at the sensor. B = 0G is also the transistion point at VDD*127/128 for internal ADC and
DAC. To avoid the transition point fluctuation during measurement of null voltage, B = 0+ Gauss (e.g. 0.5G which is smaller than the 1LSB gauss step
of 3.125G) is used. See definition of the null voltage in application section.
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
Null Voltage vs Supply Voltage
B = 0+ Gauss, TA = +25 °C
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (oC)
Null Voltage vs Temperature
1.6V
1.8V
2.5V
3.0V
3.3V
3.6V
B = 0+ Gauss
0.880
0.885
0.890
0.895
0.900
0.905
0.910
0.915
0.920
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (oC)
Null Voltage vs Temperature
1.8V
B = 0+ Gauss, VDD = 1.8V
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (oC)
Null Voltage vs Temperature
3.0V
B = 0+ Gauss, VDD = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com