Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810BMTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810BMTR-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810BMTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2810BMTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
(VIN=5.0V, CIN=2.2µF, COUT=1.0µF, Typical TA=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ Max Unit
Input Voltage Range
VIN
2.7
5.5
V
Switch On Resistance
RDS(ON)
VIN=5V, IOUT=1.0A
60
80
mΩ
Current Limit
ILIMIT
VOUT=4.0V
1.1
1.5
2.1
A
Supply Current
ISUPPLY
VIN=5V, No Load
65
85
µA
Fold-back Short Current
ISHORT
VOUT=0
0.6
A
Shutdown Supply Current
ISHUTDOWN
Chip
Disable,
Shutdown
Mode
0.1
1
µA
Enable
High
Input
Threshold
VENH
1.6
5.5
V
Enable
Low
Input
Threshold
VENL
0
1.0
V
Enable Pin Input Current
IEN
Force 0V to 5.0V at EN Pin
-1.0
1.0
µA
Under Voltage Lockout
Threshold Voltage
VUVLO
VIN Increasing from 0V
2.2
2.5
2.7
V
Under Voltage Hysteresis
VUVLOHY
0.2
V
Reverse Current
IREVERSE
Chip Disable, VOUT>VIN
0.1
1.0
µA
Output
Pull
Low
Resistance after Shutdown
RDISCHARGE
AP2810A, AP2810C only
100
200
Ω
Output Turn-on Time
tON
From Enable Active to 90%
of Output
500
µs
Flag Delay Time
tDFLG
From Fault Condition to Flag
Active
5
10
15
ms
Flag Low Voltage
VFLG
ISINK=5mA
35
70
mV
Flag Leakage
ILEAKAGE
Flag Disable, Force 5.0V
1.0
µA
Thermal
Shutdown
Temperature
TOTSD
150
oC
Thermal
Shutdown
Hysteresis
THYOTSD
30
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com