Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810BMTR-G1 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810BMTR-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810BMTR-G1 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2810BMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2810BMTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
12
Mechanical Dimensions
SOIC-8
Unit: mm(inch)
0°
8°
1°
5°
R0.150(0.006)
1.000(0.039)
0.330(0.013)
0.510(0.020)
1.350(0.053)
1.750(0.069)
0.100(0.004)
0.300(0.012)
0.900(0.035)
0.800(0.031)
0.200(0.008)
3.800(0.150)
4.000(0.157)
7°
7°
20:1
D
1.270(0.050)
TYP
0.190(0.007)
0.250(0.010)
8°
D
5.800(0.228)
6.200(0.244)
0.675(0.027)
0.725(0.029)
0.320(0.013)
8°
0.450(0.017)
0.800(0.031)
4.700(0.185)
5.100(0.201)
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com