Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7315-32FS4-7B Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7315-32FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-32FS4-7B Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7315-32FS4-7B Datasheet HTML 10Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 11Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 12Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 13Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 14Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 15Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 16Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 17Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
14 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Marking Information (Cont.)
(2)
SOT25
1
2
3
5
4
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
XXX
Y W X
Part Number
Package
Identification Code
AP7315-11W5-7
SOT25
15A
AP7315-12W5-7
SOT25
15B
AP7315-135W5-7
SOT25
15C
AP7315-15W5-7
SOT25
15D
AP7315-18W5-7
SOT25
15E
AP7315-185W5-7
SOT25
15F
AP7315-22W5-7
SOT25
15G
AP7315-23W5-7
SOT25
15H
AP7315-25W5-7
SOT25
15J
AP7315-26W5-7
SOT25
15K
AP7315-28W5-7
SOT25
15M
AP7315-285W5-7
SOT25
15N
AP7315-295W5-7
SOT25
15P
AP7315-30W5-7
SOT25
15R
AP7315-31W5-7
SOT25
15S
AP7315-32W5-7
SOT25
15T
AP7315-33W5-7
SOT25
15U
AP7315D-11W5-7
SOT25
5DA
AP7315D-12W5-7
SOT25
5DB
AP7315D-135W5-7
SOT25
5DC
AP7315D-15W5-7
SOT25
5DD
AP7315D-18W5-7
SOT25
5DE
AP7315D-185W5-7
SOT25
5DF
AP7315D-22W5-7
SOT25
5DG
AP7315D-23W5-7
SOT25
5DH
AP7315D-25W5-7
SOT25
5DJ
AP7315D-26W5-7
SOT25
5DK
AP7315D-28W5-7
SOT25
5DM
AP7315D-285W5-7
SOT25
5DN
AP7315D-29W5-7
SOT25
5DP
AP7315D-295W5-7
SOT25
5DR
AP7315D-30W5-7
SOT25
5DS
AP7315D-31W5-7
SOT25
5DT
AP7315D-32W5-7
SOT25
5DU
AP7315D-33W5-7
SOT25
5DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com