Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7315-32FS4-7B Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP7315-32FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-32FS4-7B Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP7315-32FS4-7B Datasheet HTML 15Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 16Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 17Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 18Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 19Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 20Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 21Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 22Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
19 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: X2-DFN1010-4
Dimensions
Value
(in mm)
C
0.650
X
0.250
X1
0.480
X2
0.900
X3
0.070
Y
0.400
Y1
0.470
Y2
0.220
Y3
0.480
Y4
1.300
Y5
0.180
C
X2
Y1
Y4
Y3
X1
X
Y
Y2
X3
Y5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com