Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9214L Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP9214L
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9214L Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP9214L Datasheet HTML 9Page - Diodes Incorporated AP9214L Datasheet HTML 10Page - Diodes Incorporated AP9214L Datasheet HTML 11Page - Diodes Incorporated AP9214L Datasheet HTML 12Page - Diodes Incorporated AP9214L Datasheet HTML 13Page - Diodes Incorporated AP9214L Datasheet HTML 14Page - Diodes Incorporated AP9214L Datasheet HTML 15Page - Diodes Incorporated AP9214L Datasheet HTML 16Page - Diodes Incorporated AP9214L Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
14 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Ordering Information (Cont.) (Note 9)
Delay Time Combination
Part Number
Overcharge
Detection Delay
Time
tCU
Overcharge
Release
Delay Time
tCUR
Overdischarge
Detection Delay
Time
tDL
Overdischarge
Release Delay
Time
tDLR
Discharge
Overcurrent
Detection
Delay Time
tDOC
Discharge
Overcurrent
Release
Delay Time
tDOCR
Charge
Overcurrent
Detection
Delay Time
tCOC
Charge
Overcurrent
Release
Delay Time
tCOCR
Load Short
Detection
Delay Time
tSHORT
AP9214L(X)-XX-
HSB(X)-7
1.0s
2.0ms
115ms
2.0ms
10.0ms
2.0ms
10.0ms
2.0ms
320µs
Note:
9. If products of any other voltage versions are needed, please contact with the local sales
’ office.
Marking Information
Y : Year : 0 to 9
(Top View)
X : A to Z : Internal Code
Y W X
XX(XXX)
XX(XXX) : Identification Code (2~5 Codes)
W : Week : A to Z : 1 to 26 week;
a to z : 27 to 52 week; z represents
52 and 53 week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com