Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9214L Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP9214L
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9214L Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP9214L Datasheet HTML 9Page - Diodes Incorporated AP9214L Datasheet HTML 10Page - Diodes Incorporated AP9214L Datasheet HTML 11Page - Diodes Incorporated AP9214L Datasheet HTML 12Page - Diodes Incorporated AP9214L Datasheet HTML 13Page - Diodes Incorporated AP9214L Datasheet HTML 14Page - Diodes Incorporated AP9214L Datasheet HTML 15Page - Diodes Incorporated AP9214L Datasheet HTML 16Page - Diodes Incorporated AP9214L Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
16 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
U-DFN2535-6 (Type B)
b2
e1
R0.150
z
A
A1
A3
Seating Plane
D
E
e
b
(Pin #
1 ID)
D2
E2
L(X6)
U-DFN2535-6
(Type B)
Dim
Min
Max
Typ
A
0.50
0.60
-
A1
0.00
0.05
0.02
A3
-
-
0.127
b
0.25
0.35
0.30
b2
1.05
1.15
1.10
D
2.45
2.55
2.50
D2
2.01
2.21
2.11
E
3.45
3.55
3.50
E2
2.20
2.40
2.30
e
-
-
0.55
e1
-
-
0.95
L
0.25
0.35
0.30
z
-
-
0.15
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
U-DFN2535-6 (Type B)
X
X1
C
C1
Y1
X2
Y
Dimensions
Value
(in mm)
C
0.550
C1
0.950
X
0.400
X1
1.200
X2
2.210
Y
0.500
Y1
2.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com