Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8008DR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8008DR
Description  3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8008DR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8008DR Datasheet HTML 4Page - Diodes Incorporated PAM8008DR Datasheet HTML 5Page - Diodes Incorporated PAM8008DR Datasheet HTML 6Page - Diodes Incorporated PAM8008DR Datasheet HTML 7Page - Diodes Incorporated PAM8008DR Datasheet HTML 8Page - Diodes Incorporated PAM8008DR Datasheet HTML 9Page - Diodes Incorporated PAM8008DR Datasheet HTML 10Page - Diodes Incorporated PAM8008DR Datasheet HTML 11Page - Diodes Incorporated PAM8008DR Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PAM8008
Document number: DSxxxxx Rev. 1 - 0
8 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8008
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (cont.) (@TA = +25°C, VDD = 5V, GV = 20dB, RL = 8Ω, unless otherwise specified.)
Table 1. DC Volume Control
STEP
Gain (dB)
Volume (V)
STEP
Gain (dB)
Volume (V)
1
19.84
0 to 0.201
33
6.60
2.461 to 2.533
2
19.42
0.201 to 0.275
34
6.24
2.533 to 2.605
3
19.00
0.275 to 0.347
35
5.88
2.605 to 2.678
4
18.60
0.347 to 0.419
36
5.51
2.678 to 2.751
5
18.21
0.419 to 0.491
37
5.16
2.751 to 2.823
6
17.83
0.491 to 0.563
38
4.79
2.823 to 2.897
7
17.46
0.563 to 0.633
39
4.43
2.897 to 2.969
8
16.92
0.633 to 0.701
40
4.06
2.969 to 3.043
9
16.40
0.701 to 0.771
41
3.70
3.043 to 3.114
10
15.90
0.771 to 0.849
42
3.33
3.114 to 3.186
11
15.41
0.849 to 0.929
43
2.96
3.186 to 3.259
12
14.93
0.929 to 1.005
44
2.58
3.259 to 3.332
13
14.47
1.005 to 1.079
45
2.21
3.332 to 3.403
14
14.02
1.079 to 1.153
46
1.83
3.403 to 3.476
15
13.58
1.153 to 1.225
47
1.44
3.476 to 3.551
16
13.15
1.225 to 1.297
48
1.05
3.551 to 3.621
17
12.72
1.297 to 1.371
49
0.66
3.621 to 3.695
18
12.30
1.371 to 1.443
50
0.26
3.695 to 3.767
19
11.89
1.443 to 1.517
51
-0.14
3.767 to 3.839
20
11.49
1.517 to 1.589
52
-1.19
3.839 to 3.909
21
11.09
1.589 to 1.661
53
-2.27
3.909 to 3.979
22
10.70
1.661 to 1.733
54
-3.19
3.979 to 4.045
23
10.31
1.733 to 1.807
55
-5.18
4.045 to 4.116
24
9.92
1.807 to 1.879
56
-7.16
4.116 to 4.195
25
9.55
1.879 to 1.951
57
-9.11
4.195 to 4.273
26
9.17
1.951 to 2.025
58
-11.01
4.273 to 4.347
27
8.80
2.025 to 2.097
59
-17.13
4.347 to 4.421
28
8.42
2.097 to 2.169
60
-22.95
4.421 to 4.493
29
8.06
2.169 to 2.243
61
-29.07
4.493 to 4.565
30
7.69
2.243 to 2.315
62
-33.50
4.565 to 4.637
31
7.33
2.315 to 2.389
63
-39.33
4.637 to 4.708
32
6.69
2.389 to 2.461
64
-58.62
4.708 to Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com