Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8008DR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8008DR
Description  3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8008DR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8008DR Datasheet HTML 1Page - Diodes Incorporated PAM8008DR Datasheet HTML 2Page - Diodes Incorporated PAM8008DR Datasheet HTML 3Page - Diodes Incorporated PAM8008DR Datasheet HTML 4Page - Diodes Incorporated PAM8008DR Datasheet HTML 5Page - Diodes Incorporated PAM8008DR Datasheet HTML 6Page - Diodes Incorporated PAM8008DR Datasheet HTML 7Page - Diodes Incorporated PAM8008DR Datasheet HTML 8Page - Diodes Incorporated PAM8008DR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAM8008
Document number: DSxxxxx Rev. 1 - 0
1 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8008
A Product Line of
Diodes Incorporated
3W STEREO CLASS-D with DC VOLUME,
POWER LIMIT and ANTI-SATURATION
Description
The PAM8008 is a 3W, Class-D audio amplifier. Advanced 64-step
DC volume control minimizes external components and allows
speaker volume control.
Integrated power limit technology which suppress the output signal
clip automatically due to the over level input signal. It offers low
THD+N and protect speaker.
Integrated anti-saturation technology which suppress the output
signal clip automatically when supply voltage changes. It offers low
THD+N, to produce high-quality sound reproduction.
PAM8008 has an additional noise reduction circuit which achieves
6dB noise attenuation. This circuit may help eliminate external
filtering, thereby saving the board space and components cost.
The PAM8008 features SCP (short circuit protection), OTP and
thermal shutdown.
The PAM8008 is available in SOP-16L package.
Features
•
3W Output at 10% THD with a 4 Load and 5V Power Supply
•
2.4W Output at 1% THD with a 4 Load and 5V Power Supply
•
Filterless, Low Quiescent Current and Low EMI
•
Low THD+N
•
Power Limit Function to Protect Speaker when Occuring Large
Input
•
64-Step DC Volume Control from -80dB to +20dB
•
6dB Effective Noise Reduction
•
Superior Low Noise: 60µV
•
Minimize Pop/Clip Noise
•
High Efficiency Up to 90%
•
Auto Recovery Short Circuit Protection
•
Thermal Shutdown
•
Pb-Free Package
Pin Assignments
Applications
•
LCD Monitors / TV Projectors
•
Notebook/All-In-One Computers
•
Portable Speakers
•
Portable DVD Players, Game Machines


Similar Part No. - PAM8008DR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results

Similar Description - PAM8008DR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
Rev 1
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
logo
Shenzhenshi YONGFUKANG ...
HT6809 YONGFUKANG-HT6809 Datasheet
653Kb / 13P
3W with Digital Volume Control / Anti-Cut Top Ultra Low EMI Stereo Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
3W Stereo Class-D Amplifier with 3 Inputs and Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com