Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM341 Datasheet(PDF) 67 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 63Page - Silicon Laboratories EM341 Datasheet HTML 64Page - Silicon Laboratories EM341 Datasheet HTML 65Page - Silicon Laboratories EM341 Datasheet HTML 66Page - Silicon Laboratories EM341 Datasheet HTML 67Page - Silicon Laboratories EM341 Datasheet HTML 68Page - Silicon Laboratories EM341 Datasheet HTML 69Page - Silicon Laboratories EM341 Datasheet HTML 70Page - Silicon Laboratories EM341 Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 237 page
background image
EM341
68
Rev 1.0
8. Serial Controllers
8.1. Overview
The EM341 has two serial controllers, SC1 and SC2, which provide several options for full-duplex synchronous
and asynchronous serial communications.

SPI (Serial Peripheral Interface), master or slave

TWI (Two Wire serial Interface), master only

UART (Universal Asynchronous Receiver/Transmitter), SC1 only

Receive and transmit FIFOs and DMA channels, SPI and UART modes
Receive and transmit FIFOs allow faster data speeds using byte-at-a-time interrupts. For the highest SPI and
UART speeds, dedicated receive and transmit DMA channels reduce CPU loading and extend the allowable time
to service a serial controller interrupt. Polled operation is also possible using direct access to the serial data
registers. Figure 8.1 shows the components of the serial controllers.
Note: The notation SCx means that either SC1 or SC2 may be substituted to form the name of a specific register or field within
a register.
Figure 8.1. Serial Controller Block Diagram
SC1 _U AR TST AT
SC x_SPISTAT
SC x_SPIC FG
SC x_ TW ISTAT
SC x_TW ICTR L1
SC x_TW ICTR L2
SC x _R ATELIN /EXP
SC 1 _U ARTPER / FR AC
Baud Generator
Clock Generator
UART
C ontroller
TW I M aster
C ontroller
SCx_D ATA
SPI M aster
C ontroller
UART
SPI
TW I
OFF
SC x_ M OD E
0
1
2
3
nR TS
nC TS
SC LK
MOSI
MISO
SDA
TXD
RXD
RX-FIFO
TX-FIFO
SC x _TX/R XBEGA /B
SC x_ R XC N TA/B
SC x_TXC NT
SCx_ D M ASTAT
SCx_D M AC TR L
SCx_R XER RA /B
DM A
C ontroller
SCL
IN T_SC xFLAG
IN T_SCxC FG
SC 1 _U ART CFG
SC x Interrupt
SC x TX D M A
channel
SCx RX DM A
channel
SC x _TX/R XEN D A /B
SPI Slave
C ontroller
nSSEL
SC x_R XC N TSAVED
SC 1
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com