Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM341 Datasheet(PDF) 37 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 33Page - Silicon Laboratories EM341 Datasheet HTML 34Page - Silicon Laboratories EM341 Datasheet HTML 35Page - Silicon Laboratories EM341 Datasheet HTML 36Page - Silicon Laboratories EM341 Datasheet HTML 37Page - Silicon Laboratories EM341 Datasheet HTML 38Page - Silicon Laboratories EM341 Datasheet HTML 39Page - Silicon Laboratories EM341 Datasheet HTML 40Page - Silicon Laboratories EM341 Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 237 page
background image
EM341
Rev 1.0
37
6.2.1.8. Deep Sleep Reset
The Power Management module informs the Reset Generation module of entry into and exit from the deep sleep
states. The deep sleep reset is applied in the following states: before entry into deep sleep, while removing power
from the memory and core domain, while in deep sleep, while waking from deep sleep, and while reapplying power
until reliable power levels have been detect by POR LV.
The Power Management module allows a special emulated deep sleep state that retains memory and core domain
power while in deep sleep.
6.2.2. Reset Recording
The EM341 records the last reset condition that generated a restart to the system. The reset conditions recorded
are as follows:

POR HV
always-on domain power supply failure

POR LV
core domain (POR LVcore) or memory domain (POR LVmem) power supply failure

nRESET
pin reset asserted

watchdog
watchdog timer expired

SYSRESETREQ
software reset by SYSERSETREQ from ARM® CortexTM-M3 CPU

deep sleep wakeup
wake-up from deep sleep

option byte error
error check failed when reading option bytes from flash
Note: While CPU Lockup is shown as a reset condition in software, CPU Lockup is not specifically a reset event. CPU Lockup
is set to indicate that the CPU entered an unrecoverable exception. Execution stops but a reset is not applied. This is so
that a debugger can interpret the cause of the error. Silicon Labs recommends that in a live application (in other words,
no debugger attached) the watchdog be enabled by default so that the EM341 can be restarted.
6.2.3. Reset Generation Module
The Reset Generation module responds to reset sources and generates the following reset signals:

PORESET
Reset of the ARM® CortexTM-M3 CPU and ARM® CortexTM-M3 System Debug
components (Flash Patch and Breakpoint, Data Watchpoint and Trace,
Instrumentation Trace Macrocell, Nested Vectored Interrupt Controller). ARM
defines PORESET as the region that is reset when power is applied.

SYSRESET
Reset of the ARM® CortexTM-M3 CPU without resetting the Core Debug and
System Debug components, so that a live system can be reset without disturbing
the debug configuration.

DAPRESET
Reset to the SWJ’s AHB Access Port (AHB-AP)

PRESETHV
Peripheral reset for always-on power domain, for peripherals that are required to
retain their configuration across a deep sleep cycle

PRESETLV
Peripheral reset for core power domain, for peripherals that are not required to
retain their configuration across a deep sleep cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com