Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM341 Datasheet(PDF) 144 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 144 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 140Page - Silicon Laboratories EM341 Datasheet HTML 141Page - Silicon Laboratories EM341 Datasheet HTML 142Page - Silicon Laboratories EM341 Datasheet HTML 143Page - Silicon Laboratories EM341 Datasheet HTML 144Page - Silicon Laboratories EM341 Datasheet HTML 145Page - Silicon Laboratories EM341 Datasheet HTML 146Page - Silicon Laboratories EM341 Datasheet HTML 147Page - Silicon Laboratories EM341 Datasheet HTML 148Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 237 page
background image
EM341
Rev 1.0
145
TIM_URS
[2]
RW
Update Request Source.
0: When enabled, update interrupt requests are sent as soon as registers are updated
(counter overflow/underflow, setting the TIM_UG bit, or update generation through the
slave mode controller).
1: When enabled, update interrupt requests are sent only when the counter reaches over-
flow or underflow.
TIM_UDIS
[1]
RW
Update Disable.
0: A UEV is generated as soon as a counter overflow occurs, a software update is gener-
ated, or a hardware reset is generated by the slave mode controller. Shadow registers
are then loaded with their buffer register values.
1: A UEV is not generated and shadow registers keep their value (TIMx_ARR, TIMx-
_PSC, TIMx_CCRy). The counter and the prescaler are reinitialized if the TIM_UG bit is
set or if a hardware reset is received from the slave mode controller.
TIM_CEN
[0]
RW
Counter Enable.
0: Counter disabled.
1: Counter enabled.
Note: External clock, gated mode and encoder mode can work only if the TIM_CEN bit
has been previously set by software. Trigger mode sets the TIM_CEN bit automatically
through hardware.
Bitname
Bitfield Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com