Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM341 Datasheet(PDF) 201 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 201 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 197Page - Silicon Laboratories EM341 Datasheet HTML 198Page - Silicon Laboratories EM341 Datasheet HTML 199Page - Silicon Laboratories EM341 Datasheet HTML 200Page - Silicon Laboratories EM341 Datasheet HTML 201Page - Silicon Laboratories EM341 Datasheet HTML 202Page - Silicon Laboratories EM341 Datasheet HTML 203Page - Silicon Laboratories EM341 Datasheet HTML 204Page - Silicon Laboratories EM341 Datasheet HTML 205Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 237 page
background image
EM341
Rev 1.0
113
10. Trace Port Interface Unit (TPIU)
The EM341 integrates the standard ARM® Trace Port Interface Unit (TPIU). The TPIU receives a data stream from
the on-chip trace data generated by the standard ARM® Instrument Trace Macrocell (ITM), buffers the data in a
FIFO, formats the data, and serializes the data to be sent off-chip through alternate functions of the GPIO. Since
the primary function of the TPIU is to provide a bridge between on-chip ARM system debug components and
external GPIO, the TPIU itself does not generate data. Figure 10.1 illustrates the three primary components of the
TPIU.
Figure 10.1. TPIU Block Diagram
The TPIU is composed of:

Asynchronous FIFO: The asynchronous FIFO receives a data stream generated by the ITM and enables
the trace data to be sent off-chip at a speed that is not dependent on the speed of the data source.

Formatter: The formatter inserts source ID signals into the data packet stream so that trace data can be re-
associated with its trace source. Since the EM341 has only one trace source, the ITM, it is not necessary to
use the formatter, and, therefore, the formatter only adds overhead into the data stream. Since certain
modes of the TPIU automatically enable the formatter, these modes should be avoided whenever possible.

Trace Out: The trace out block serializes the data and sends it off-chip by the proper alternate output GPIO
functions.
The six pins available to the TPIU are:

SWO

TRACECLK

TRACEDATA0

TRACEDATA1

TRACEDATA2

TRACEDATA3
Since these pins are alternate outputs of GPIO, refer to "17. Pin Definitions" on page 121 and "7. GPIO (General
Purpose Input/Output)" on page 48 for complete pin descriptions and configurations.
Notes:
1. The SWO alternate output is mirrored on GPIO PC1 and PC2.
2. GPIO PC1 shares both the SWO and TRACEDATA0 alternate outputs. This is possible because SWO and
TRACEDATA0 are mutually exclusive, and only one may be selected at a time in the trace-out block.
The Ember software utilizes the TPIU to efficiently output debug data. Altering the TPIU configuration may conflict
with Ember debug output.
For further information on the TPIU, contact Silicon Labs support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.
Asynchronous
FIFO
Formatter
ITM
Trace Out
(Serializer)
TRACECLK
TRACEDATA2
TRACEDATA3
TRACEDATA1
TRACEDATA0
SWO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com