Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5519 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
G1: Green
Blank: Tray
TR: Tape & Reel
Ordering Information
CS5519
-
Circuit Type
Package
Temperature
Range
Part Number
Marking ID
Packing Type
QFN-7x7-56
-40 to 95°C
CS5519CJI1FN-G1
CS5519CJ-I1
Tray
CS5519CJI1FNTR-G1
CS5519CJ-I1
Tape & Reel
-40 to 85°C
CS5519CJI2FN-G1
CS5519CJ-I2
Tray
CS5519CJI2FNTR-G1
CS5519CJ-I2
Tape & Reel
-40 to 80°C
CS5519CJI3FN-G1
CS5519CJ-I3
Tray
CS5519CJI3FNTR-G1
CS5519CJ-I3
Tape & Reel
QFN-8x8-68
-40 to 95°C
CS5519AJI1FN-G1
CS5519AJ-I1
Tray
CS5519AJI1FNTR-G1
CS5519AJ-I1
Tape & Reel
-40 to 85°C
CS5519AJI2FN-G1
CS5519AJ-I2
Tray
CS5519AJI2FNTR-G1
CS5519AJ-I2
Tape & Reel
-40 to 80°C
CS5519AJI3FN-G1
CS5519AJ-I3
Tray
CS5519AJI3FNTR-G1
CS5519AJ-I3
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" in the part number, are RoHS compliant and
green.
Package
FN: QFN-7x7-56
/
QFN-8x8-68
CJ: 56-pin
AJ: 68-pin
I1: -40 to 95°C
I2: -40 to 85°C
I3: -40 to 80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com