Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5519 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button CS5519 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited CS5519 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
11
Electrical Characteristics (Continued)
DA/AC Characteristics for 8051 CPU Core, Digital GPIO pins, Digital Peripherals, and
IOSC
TA=–40°C to 95°C, VDD=2.8V to 3.6V, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Current
Normal
Mode
Supply
Current
Using IOSC up to 48MHz
IDD, normal IOSC1
25
mA
2
Normal
Mode
Supply
Current
Using IOSC=4MHz
IDD, normal IOSC2
2.9
mA
2
PMM Mode Supply Current Using
IOSC up to 48MHz
IDD, PMM IOSC1
6
mA
2
PMM Mode Supply Current Using
IOSC=4MHz
IDD, PMM IOSC2
1.5
mA
2
Idle Mode Supply Current Using
IOSC up to 48MHz
IDD, idle IOSC1
3
mA
2
Stop Mode Supply Current Using
IOSC Keeps Low
IDD, stop
3
A
2
Digital GPIO Characteristics
Input High Voltage
VIH
2
3.6
V
3
Input Low Voltage
VIL
-0.3
0.8
V
3
Output High Voltage
VOH
2.4
V
3
Output Low Voltage
VOL
0.4
V
3
High
Level
Output
Current
@VOH(min)
IOH(2mA)
3.0
7.87
12.9
mA
IOH(4mA)
7.7
15.6
25.8
mA
Low
Level
Output
Current
@VOL(max)
IOL(2mA)
3.4
5.4
7.4
mA
IOL(4mA)
6.7
10.7
14.7
mA
Input Pull Up Resistance
RPU
34
74
k

3
Input Pull Down Resistance
RPD
29
86
k
3
Input Low to High Level, RSTN
VIH, RSTN
0.85
0.93
V
4
Input High to Low Level, RSTN
VIL, RSTN
0.63
0.71
V
4
Output Rise Time
tRISE
5
ns
7
Output Fall Time
tFALL
5
ns
7
Internal 3.3V-to-1.8V LDO from AFE
Internal 1.8V Regulator Output
VDD18, 15mA
1.6
1.8
2.0
V
5
Power On/Off Reset Level
VDD18, Reset
80
85
90
%
6
Note 2: Does not include load current and tested under NOP loop and all peripheral disabled.
Note 3: For Digital I/O only.
Note 4: For RSTN pin only.
Note 5: Supply to internal digital and analog circuit only.
Note 6: This is measured as the percentage of steady state value of VDD18.
Note 7: This is measured with 20pF load and 20% to 80% output level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com