Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS285-2.5CS Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS285-2.5CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS285-2.5CS Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS285-2.5CS Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AMS285-2.5/AMS385-2.5
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is:
AMS285
+125°C
AMS385
+100°C
Thermal Resistance
TO-92
SO-8
SOT-89
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
160°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: Guaranteed and 100% production tested.
Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating
TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are 0°C, 25°C, 70°C and 85°C.
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
Plastic Package (N)
SO Package (S)
(L)
1
2
3
12
8
4
3
75
6
N/C
N/C
N/C
N/C N/C
N/C
+
-
N/C
-
+
1
2
3
Bottom View
Top View
Top View
TYPICAL APPLICATIONS
Wide Input
Micropower Reference
Range Reference
from 9V Battery
3.3k
LM334
OUT
2.5V
AMS385-2.5
V
IN = 3.7V TO 30V
AMS385-2.5
2.5V
200k
9V
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com