Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS285-2.5CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS285-2.5CS
Description  MICROPOWER VOLTAGE REFERENCE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS285-2.5CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS285-2.5CS Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS285-2.5CS Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS285-2.5/AMS385-2.5
Monolithic
MICROPOWER VOLTAGE REFERENCE DIODE
Systems
RoHS compliant
FEATURES
APPLICATIONS
• ±20 mV (±0.8%) max. initial tolerance (A grade)
• Battery Powered Systems
• Operating Current 20µA to 20mA
• Instrumentation
• Low Voltage Reference 2.5V
• A/D, D/A Converters
• Max. 0.6Ω Dynamic Impedance (A grade)
• Temperature measurement
• Low Temperature Coefficient
• Current sources
• 1.2V Device and Adjustable Device also available
• Notebook/Personal Computer
AMS285-1.2 and AMS285 series, respectively
• Monitors/ VCR/ TV
AMS385-1.2 and AMS385 series.
• Pagers
GENERAL DESCRIPTION
The AMS285-2.5/AMS385-2.5 are two-terminal micropower band-gap voltage reference diodes. They feature a very low
dynamic impedance and good temperature coefficient, operating over a 20µA to 20mA current range. On-chip trimming is
used to provide tight voltage tolerance. Since the AMS285-2.5/AMS385-2.5 is a band-gap reference, uses only transistors and
resistors, low noise and good long term stability result. Careful design of the AMS285-2.5/AMS385-2.5 has made the device
exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic
operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the
AMS285-2.5/AMS385-2.5 makes these reference diodes useful for micropower circuitry. These voltage references can be used
to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more,
the wide operating current allows it to replace older references with a tight tolerance part.
The AMS285-2.5 is operational in the full industrial temperature range of -40
°C to 85°C while AMS385-2.5 is operating over
a 0
°C to 70°C temperature range. The AMS285-2.5/AMS385-2.5 are available in TO-92, SO-8 and SOT-89 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
TEMPERATURE RANGE
±
20mV
AMS285-2.5AN
AMS285-2.5AS
AMS285-2.5AL
-40 to 85
° C
±
38mV
AMS285-2.5BN
AMS285-2.5BS
AMS285-2.5BL
-40 to 85
° C
±
75mV
AMS285-2.5CN
AMS285-2.5CS
AMS285-2.5CL
-40 to 85
° C
±
20mV
AMS385-2.5AN
AMS385-2.5AS
AMS385-2.5AL
0 to 70
° C
±
38mV
AMS385-2.5BN
AMS385-2.5BS
AMS385-2.5BL
0 to 70
° C
±
75mV
AMS385-2.5CN
AMS385-2.5CS
AMS385-2.5CL
0 to 70
° C


Similar Part No. - AMS285-2.5CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-2.5CS ADMOS-AMS285-2.5CS Datasheet
172Kb / 8P
Battery Powered Systems
More results

Similar Description - AMS285-2.5CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com